Part Number Hot Search : 
GP4063 74LVTH1 D23C1 EL2186CS D2W202 LC7938C 1SV101 05220
Product Description
Full Text Search
 

To Download OPB856Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 323-2396 sensors@optekinc.com www.optekinc.com issue a .1 01/06 page 1 of 3 optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. wide gap optical sensor OPB856Z features: ? designed for industrial applications ? threaded housing (m12 x 1 th), nut included ? molded connectors mates with molex 03-06-2023 plug. ? emitter (white) and senor (black) housing color coded description: the opb856 emitter and sensor pair that cons ists of an led (935 nm) and a phototransistor designed to operate efficiently with each other. they are mounted in a th readed (m12x1th) color-coded housing. the led (white) and the phototransistor (black) are designed to easily panel mount in through a 0.4724? (12.0 mm) hole. a 12 mm nut is included for each housing. both components is designed to electrically mate with a molex (03-06-2023) connector. the opb856 pair are designed to operate with separation distances between the led and phototransistor up to 12? (30.48 cm). for custom electrical, wire and cabling and connectors are available. contact your local representative or optek for more information. product photo here ordering information OPB856Z 935 nm optical pair part number led peak wavelength sensor connector type transistor use molex 03-06-2023 applications: ? non-contact interruptive object sensing ? assembly line automation ? machine automation ? equipment security ? machine safety rohs housing led - white sensor - black white housing black housing plug molex 03-06-2023 molex 03-06-2023 pin # led pin # phototransistor pin for plug male molex 02-06-6122 female molex 02-06-7104 1 anode 1 emitter 2 cathode 2 collector 1 2 1 2 led phototransistor
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 323-2396 sensors@optekinc.com www.optekinc.com issue a .1 01/06 page 2 of 3 optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. wide gap optical sensor OPB856Z absolute maximum ratings (t a =25c unless otherwise noted) storage & operating temperature range -40 c to +85 c input diode (see op165 for additional information) continuous forward dc current 40 ma reverse voltage 2 v power dissipation (1) 100 mw output phototransistor (see op505 for additional information) collector-emitter voltage 30 v emitter-collector voltage 5 v power dissipation (1) 100 mw lead soldering temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron] 260 c notes: (1) derate linearly 1.67 mw/c above 25 c.. (2) distance between lenses along the optical axis is ?d?. (3) all parameters tested using pulse technique. electrical characteristics (t a = 25 c unless otherwise noted) symbol parameter min typ max units test conditions input diode (see op9999 for additional information) v f forward voltage - - 1.7 v i f = 20 ma i r reverse current - - 100 a v r = 2 v output phototransistor (see op9999 for additional information) v (br)ceo collector-emitter breakdown voltage 30 - - v i c = 100 a v (br)eco emitter-collector breakdown voltage 5 - - v i e = 100 a i ceo collector dark current - - 100 na v ce = 10 v, i f = 0, e e = 0 combined i c(on) on-state collector current (3) 1.8 - - ma v ce = 5 v, i f = 20 ma, d = 2? ( (50.8 mm) (2)
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 323-2396 sensors@optekinc.com www.optekinc.com issue a .1 01/06 page 3 of 3 optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. wide gap optical sensor OPB856Z normalized collector current vs. distance between emitter and sensor 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 distance to reflective surface (inches) normalized output current 5 ma 10 ma 20 ma 30 ma 40 ma 50 ma normalized at d = 2.0" if = 20ma vce = 5v


▲Up To Search▲   

 
Price & Availability of OPB856Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X